| データシートサーチシステム |
|
SPBT2532C2.AT2 データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2.AT2 データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 27 page ![]() Application information SPBT2532C2.AT2 20/27 Doc ID 023461 Rev 1 8 Application information Here below there are some suggestions to better implement the module in the final application. ● Avoid that traces with switching signals are routed on the motherboard below the module. The best condition would be to have a ground plane underneath the module ● Connect the supply voltage ground of the module with the other grounds present on the motherboard in a star ground configuration. Keep the RF ground separate from the module supply voltage ground; the two grounds are already connected inside the module in one point, a possible implementation can be seen in Figure 9. Figure 9. Example of antenna integration on the STEVAL-SPBT2ATV3 8.1 Antenna choice The RF output pin must be connected to an antenna which may be: ● Antenna directly printed on the PCB (Figure 10) ● Integrated SMD antenna, including but not limited to the following examples (Figure 11): – Johanson Technology 2450T18A100S – Antenova 30-30-A5839-01 – Murata ANCV12G44SAA127 – Pulse W3008 – Yageo CAN4311153002451K. The external antenna connected by means of an SMA connector (Figure 12). |