| データシートサーチシステム |
|
OMAP3530ECBC72 データシート(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 データシート(HTML) 39 Page - Texas Instruments |
|
39 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-1. Ball Characteristics (CBB Pkg.) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] T21 NA mcbsp_clks 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS cam_ shutter 2 O gpio_160 4 IO uart1_cts 5 I safe_mode 7 K26 NA mcbsp1_fsx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_cs0 1 IO mcbsp3_fsx 2 IO gpio_161 4 IO safe_mode 7 W21 NA mcbsp1_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS clkx mcbsp3_ 2 IO clkx gpio_162 4 IO safe_mode 7 H18 NA uart3_cts_ 0 IO H H 7 vdds Yes 4 PU/ PD LVCMOS rctx gpio_163 4 IO safe_mode 7 H19 NA uart3_rts_ sd 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_164 4 IO safe_mode 7 H20 NA uart3_rx_ irrx 0 I H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_165 4 IO safe_mode 7 H21 NA uart3_tx_ irtx 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_166 4 IO safe_mode 7 T28 NA hsusb0_clk 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_120 4 IO safe_mode 7 T25 NA hsusb0_stp 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_121 4 IO safe_mode 7 R28 NA hsusb0_dir 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_122 4 IO safe_mode 7 T26 NA hsusb0_nxt 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_124 4 IO safe_mode 7 T27 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data0 uart3_tx_ irtx 2 O gpio_125 4 IO safe_mode 7 U28 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data1 uart3_rx_ irrx 2 I gpio_130 4 IO safe_mode 7 U27 NA hsusb0_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS data2 uart3_rts_ sd 2 O gpio_131 4 IO safe_mode 7 Submit Documentation Feedback TERMINAL DESCRIPTION 39 |