データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBC72 データシート(PDF) 72 Page - Texas Instruments

部品番号 OMAP3530ECBC72
部品情報  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC72 データシート(HTML) 72 Page - Texas Instruments

Back Button OMAP3530ECBC72 Datasheet HTML 68Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 69Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 70Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 71Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 72Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 73Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 74Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 75Page - Texas Instruments OMAP3530ECBC72 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
P2
gpmc_d6
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
R1
gpmc_d7
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
R2
gpmc_d8
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_44
4
IO
safe_mode
7
T2
gpmc_d9
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_45
4
IO
safe_mode
7
U1
gpmc_d10
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_46
4
IO
safe_mode
7
R3
gpmc_d11
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_47
4
IO
safe_mode
7
T3
gpmc_d12
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_48
4
IO
safe_mode
7
U2
gpmc_d13
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_49
4
IO
safe_mode
7
V1
gpmc_d14
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_50
4
IO
safe_mode
7
V2
gpmc_d15
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_51
4
IO
safe_mode
7
E2
gpmc_ncs0
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
D2
gpmc_ncs3
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq0
gpio_54
4
IO
safe_mode
7
F4
gpmc_ncs4
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq1
mcbsp4_ clkx 2
IO
gpt9_pwm_evt 3
IO
gpio_55
4
IO
safe_mode
7
G5
gpmc_ncs5
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq2
mcbsp4_dr
2
I
gpt10_pwm_e 3
IO
vt
gpio_56
4
IO
safe_mode
7
F3
gpmc_ncs6
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq3
mcbsp4_dx
2
IO
gpt11_pwm_e 3
IO
vt
gpio_57
4
IO
safe_mode
7
G4
gpmc_ncs7
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpmc_io_dir
1
O
TERMINAL DESCRIPTION
72
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More