データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ROCHESTER5 データシート(PDF) 6 Page - Rochester Electronics

部品番号 ROCHESTER5
部品情報  A Rochester Electronics White Paper
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER5 データシート(HTML) 6 Page - Rochester Electronics

Back Button ROCHESTER5 Datasheet HTML 2Page - Rochester Electronics ROCHESTER5 Datasheet HTML 3Page - Rochester Electronics ROCHESTER5 Datasheet HTML 4Page - Rochester Electronics ROCHESTER5 Datasheet HTML 5Page - Rochester Electronics ROCHESTER5 Datasheet HTML 6Page - Rochester Electronics ROCHESTER5 Datasheet HTML 7Page - Rochester Electronics ROCHESTER5 Datasheet HTML 8Page - Rochester Electronics ROCHESTER5 Datasheet HTML 9Page - Rochester Electronics ROCHESTER5 Datasheet HTML 10Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
 
 
 
 
© 2011 Rochester Electronics, LLC
Page 6
September 2011
All Rights Reserved
 
•
High-value products: Counterfeiters sell devices that cost them little to source but can be sold at the
high market price of the genuine devices.
Here are factors and conditions that make counterfeiting tempting and profitable:
•
Incorrect and inexpensive “reverse engineering” can lead to the production of components that do not
operate as the originals.
•
Phony labels, certificates of compliance, and traceability documentation can be made relatively easily
through the use of digital photography, digital printing, and widely available, easy-to-use computer
software. The cost for a complete setup is low, the equipment takes up little space and is portable, and
the quality of the output is adequate.
•
Computer hacking can lead to the illegal acquisition of confidential information as well as the alteration of
company information.
•
The Internet provides a perfect marketplace for counterfeit and gray market products. It’s easy to set up a
reliable-looking site. The entire sale can be handled online. And it’s easy for the counterfeiter to “escape”
when complaints start coming in. He just shuts down the site and opens up another one in another name.
•
The improper disposal of electronic “scrap” provides free inventory for counterfeiters. Many companies
ship their scrap overseas for disposal not realizing that disposal verification will be falsified, and the
“scrap” will be scavenged, cleaned up a bit, relabeled, and sold as new on the gray market.
•
Most manufacturers subcontract the production of semiconductor parts. It’s quick money for an
unscrupulous subcontractor to produce an unreported overrun and offload it onto the gray market.
•
Requirements of legislation such as the European Union’s Waste Electrical and Electronic Equipment
Directive (WEEE) and Restriction of Hazardous Substances (RoHS) Directive encourage counterfeiters to
provide falsified paperwork stating that devices are compliant. Counterfeiters sell older leaded
components as lead-free, or offer the lead-free parts to exempted industries that need components with
SnPb (tin-lead) plating for their high-reliability products. The European legislation has also forced
equipment manufacturers to ship electronic waste “offshore” for recycling leading to “salvaged”
components being reintroduced to the market as counterfeits.”
•
Many countries do not have strong legislation that regulates counterfeiting, theft of intellectual property, or
exports. Often, the legal system cannot keep up with the development – and movement – of the
semiconductor “manufacturing” industry. Even if there are laws in place, there is little chance for
enforcement. This combination of circumstances creates fertile environments for counterfeiters.
•
Global outsourcing has produced a complex supply chain in which intellectual property (IP) is widely
exposed. In countries where there is little concern for the protection of IP, its availability simply becomes
a business opportunity.
•
Global outsourcing also sends components through multiple hands before they reach their final
destination. Along the way, there is no guarantee of proper handling and storage, adequate inspection, or
requisite testing.
Procurement personnel are increasingly tempted (or forced) to turn to the
gray market where they risk aquiring counterfeit and substandard parts.
Production comes to a grinding halt when the right parts are not on the shelf. When parts are not readily available
from the original manufacturer, buyers often have to be inventive in their search for inventory, but their efforts can
be hampered by purchasing protocols and policies. Often, ambitious production schedules can’t wait for long lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15