データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ROCHESTER5 データシート(PDF) 12 Page - Rochester Electronics

部品番号 ROCHESTER5
部品情報  A Rochester Electronics White Paper
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ROCHESTER5 データシート(HTML) 12 Page - Rochester Electronics

Back Button ROCHESTER5 Datasheet HTML 7Page - Rochester Electronics ROCHESTER5 Datasheet HTML 8Page - Rochester Electronics ROCHESTER5 Datasheet HTML 9Page - Rochester Electronics ROCHESTER5 Datasheet HTML 10Page - Rochester Electronics ROCHESTER5 Datasheet HTML 11Page - Rochester Electronics ROCHESTER5 Datasheet HTML 12Page - Rochester Electronics ROCHESTER5 Datasheet HTML 13Page - Rochester Electronics ROCHESTER5 Datasheet HTML 14Page - Rochester Electronics ROCHESTER5 Datasheet HTML 15Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
 
 
 
 
© 2011 Rochester Electronics, LLC
Page 12
September 2011
All Rights Reserved
 
Anti-Counterfeiting Task Force (ACTF) that is solely focused on raising awareness and developing
methods and procedures for countering the rise of the problem. The Electronic Components Industry
Association (ECIA), also a U.S. organization, joins SIA in working with companies, other associations,
and legal authorities. In Europe, the European Semiconductor Manufacturers Association (ESIA) and the
Component Obsolescence Group (COG), among others, also work against counterfeiting.
•
OCMs who have their own fab operations should take great care to dispose of all scrap securely and
thoroughly.
•
OCM’s who are “fabless” must be extremely rigorous in their control of subcontractors to ensure material
is not duplicated or lost, expected yields are met, and all scrap is securely disposed of.
•
Wherever possible, OCMs should implement technologies that help to authenticate components and
make it difficult to fake them. There are some new technologies emerging – hidden, encrypted information
on chips, extra-sophisticated coded markings, and radio frequency tagging. However, these
authentication techniques almost certainly add cost to components. This may be justified with high-value
devices but is unlikely to be acceptable with less expensive components.
There’s really only one way to be sure you’re not purchasing
counterfeit/substandard parts.
Counterfeit components will probably always be out there on the market. The methods for determining the
authenticity of components are costly, time consuming, and not even close to foolproof.
Does that mean that your inventory will inevitably be infiltrated by dangerous substandard and counterfeit parts?
No. There are certain simple and inexpensive “best practices” that can help protect your company against
acquiring substandard and counterfeit semiconductors.
Because more and more counterfeit components have lately been making their way into the Department of
Defense supply chain, the Naval Air Systems Command (NAVAIR) requested that the U.S. Department of
Commerce Bureau of Industry and Security’s (BIS) Office of Technology Evaluation (OTE) conduct a survey to
assess the situation – in commercial, industrial, and defense supply chains. This survey is documented in
Defense Industrial Base Assessment: Counterfeit Electronics / January 2010.
The bottom-line advice in this document, which contains over 240 pages of data and analysis, is simple:
“Buy parts directly from OCMs and authorized distributors, rather than from parts brokers, independent
distributors, or the gray market.” (page 198)
For example, Rochester Electronics, the world’s most comprehensive continuing source for end-of-life and mature
semiconductors, is authorized by over 60 component manufacturers to support their customers’ continuing
requirements. Rochester acquires all remaining finished devices, wafer/die, and available intellectual property in
order to manufacture the exact same device and provide a reliable, continuing source of semiconductors used in
critical systems worldwide in any quantity and for as long as needed. All components are 100% manufacturer
traceable and certified. Rochester’s product offering includes 20,000+ Rochester-manufactured device types,
from commercial to space-level; device re-creation; as well as more than ten billion die and five billion finished
devices, in stock and ready to ship. Rochester is certified to ISO-9001:2008, EN 9120:2002 and JISQ 9120, and
QML MIL-PRF-38535, as well as AS9120.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15