| データシートサーチシステム |
|
DAC8043UG4 データシート(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC8043UG4 データシート(HTML) 5 Page - Texas Instruments |
|
5 / 11 page ![]() 5 ® DAC8043 LINEARITY ERROR vs DIGITAL CODE Digital Input Code (Decimal) 0 1024 2048 3072 4096 1 0.75 0.5 0.25 0 –0.25 –0.5 –0.75 –1 T A = +25°C V REF = +10V DNL ERROR vs REFERENCE VOLTAGE 0.5 0.25 0 –0.25 –0.5 V REF (V) 24 6 8 10 TOTAL HARMONIC DISTORTION vs FREQUENCY (Multiplying Mode) 10 Frequency (Hz) 100 1000 10000 0 –20 –40 –60 –80 –100 –120 V DD = +5V V IN = 6Vrms T A = +25°C SUPPLY CURRENT vs LOGIC INPUT VOLTAGE 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 V IN (V) 01234 V DD = +5V GAIN vs FREQUENCY 0 –20 –40 –60 –80 –100 –120 Frequency (Hz) 1k 10k 100k 1M 10M Digital Input = 1111 1111 1111 Digital Input = 0000 0000 0000 V DD = +5V V REF = 100mV T A = +25°C LINEARITY ERROR vs REFERENCE VOLTAGE 0.5 0.25 0 –0.25 –0.5 V REF (V) 2468 10 TYPICAL PERFORMANCE CURVES At VDD = +5V; VREF = +10V; IOUT = GND = 0V; TA = Full Temperature Range specified under Absolute Maximum Ratings, unless otherwise noted. |