| データシートサーチシステム |
|
ICS551MILF データシート(PDF) 6 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS551MILF データシート(HTML) 6 Page - Integrated Device Technology |
|
6 / 9 page ![]() ICS551 1 TO 4 CLOCK BUFFER FAN OUT BUFFER IDT™ 1 TO 4 CLOCK BUFFER 6 ICS551 REV P 051310 Marking Diagram (ICS551MILF) Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “LF” denotes Pb (lead) free package. 4. Bottom marking: (origin) Origin = country of origin if not USA. 551MILF ###### YYWW 14 5 8 |