| データシートサーチシステム |
|
ICS551MILF データシート(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS551MILF データシート(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() ICS551 1 TO 4 CLOCK BUFFER FAN OUT BUFFER IDT™ 1 TO 4 CLOCK BUFFER 8 ICS551 REV P 051310 Ordering Information "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. “LN” denotes parts that are Pb free and annealed. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 551MLF 551MLF Tubes 8-pin SOIC 0 to +70 ° C 551MLFT 551MLF Tape and Reel 8-pin SOIC 0 to +70 ° C 551MLN 551MLN Tubes 8-pin SOIC 0 to +70 ° C 551MLNT 551MLN Tape and Reel 8-pin SOIC 0 to +70 ° C 551MILF 551MILF Tubes 8-pin SOIC -40 to +85 ° C 551MILFT 551MILF Tape and Reel 8-pin SOIC -40 to +85 ° C |