データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS352AR データシート(PDF) 6 Page - STMicroelectronics

部品番号 LIS352AR
部品情報  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AR データシート(HTML) 6 Page - STMicroelectronics

Back Button LIS352AR Datasheet HTML 2Page - STMicroelectronics LIS352AR Datasheet HTML 3Page - STMicroelectronics LIS352AR Datasheet HTML 4Page - STMicroelectronics LIS352AR Datasheet HTML 5Page - STMicroelectronics LIS352AR Datasheet HTML 6Page - STMicroelectronics LIS352AR Datasheet HTML 7Page - STMicroelectronics LIS352AR Datasheet HTML 8Page - STMicroelectronics LIS352AR Datasheet HTML 9Page - STMicroelectronics LIS352AR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Mechanical and electrical specifications
LIS352AR
6/15
Doc ID 16933 Rev 1
2.2
Electrical characteristics
@ Vdd=3.3 V, T=25 °C unless otherwise noted(b)
5.
Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
6.
“Self-test output voltage change” is defined as Vout(Vst=logic 1)-Vout(Vst=logic 0)
7.
“Self-test output voltage change” varies cubically with supply voltage
8.
Minimum resonance frequency Fres=2.0 kHz. Sensor bandwidth=1/(2*
π*32kΩ*Cload), with Cload>2.5 nF
b.
The product is factory calibrated at 3.3 V.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.16
3.3
3.6
V
Idd
Supply current
Mean value
PD pin connected to GND
0.3
mA
IddPdn
Supply current in
power-down mode
PD pin connected to Vdd
1
µA
Vst
Vpd
Self-test input
Power-down input
Logic 0 level at Vdd=3.3 V
0
0.2*Vdd
V
Logic 1 level at Vdd=3.3 V
0.8*Vdd
Vdd
Vs0
S0 Input
Logic 0 level at Vdd=3.3 V
0
0.2*Vdd
V
Logic 1 level at Vdd=3.3 V
0.8*Vdd
Vdd
Vs1
S1 input
Logic 0 level at Vdd=3.3 V
0
0.2*Vdd
V
Logic 1 level at Vdd=3.3 V
0.8*Vdd
Vdd
Rout
Output impedance of
Voutx, Vouty, Voutz
32
k
Ω
Cload
Capacitive load drive
for Voutx, Vouty,
Voutz(2)
2.5
nF
Rmux
Series resistance of
multiplexer input vs.
Vout
1
k
Ω
Cloadmux
Capacitive load drive
for multiplexed output
Vout
10
pF
Ton
Turn-on time at exit
from power-down
mode
CLOAD in µF
160*CLOAD+0.3
ms
Top
Operating
temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed
2.
Minimum resonance frequency FRES=2.0 kHz. Device bandwidth=1/(2*π*32kΩ*CLOAD), with CLOAD>2.5 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com