データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS352AR データシート(PDF) 1 Page - STMicroelectronics

部品番号 LIS352AR
部品情報  MEMS motion sensor: 3-axis 2 g analog-output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352AR データシート(HTML) 1 Page - STMicroelectronics

  LIS352AR Datasheet HTML 1Page - STMicroelectronics LIS352AR Datasheet HTML 2Page - STMicroelectronics LIS352AR Datasheet HTML 3Page - STMicroelectronics LIS352AR Datasheet HTML 4Page - STMicroelectronics LIS352AR Datasheet HTML 5Page - STMicroelectronics LIS352AR Datasheet HTML 6Page - STMicroelectronics LIS352AR Datasheet HTML 7Page - STMicroelectronics LIS352AR Datasheet HTML 8Page - STMicroelectronics LIS352AR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2010
Doc ID 16933 Rev 1
1/15
15
LIS352AR
MEMS motion sensor:
3-axis ±2
g analog-output "piccolo" accelerometer
Features
■ Single voltage supply operation
■ ±2 g full-scale
■ 3 acceleration channels plus multiplexed
analog output
■ Ratiometric output voltage
■ Power-down mode
■ Embedded self-test
■ 10000 g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see
Section 7)
Applications
■ Free-fall detection for data protection
■ Tilting applications
■ Gaming and virtual reality input devices
■ Antitheft systems and inertial navigation
Description
The LIS352AR is a miniaturized low-power 3-axis
linear accelerometer belonging to the “piccolo”
family of ST motion sensors. It includes a sensing
element and an IC interface to provide an analog
signal to the external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce motion
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows the design of a dedicated
circuit which is trimmed to better match the
sensing element characteristics.
The LIS352AR has a full-scale of ±2
g and is
capable of measuring accelerations over a
maximum bandwidth of 2.0 kHz. The device
bandwidth may be reduced by using external
capacitors. The self-test capability allows the user
to check the functioning of the sensor in the final
application.
The device has three analog acceleration outputs,
plus an embedded multiplexer that allows for
redirection of the analog outputs onto a single pin
for operation with a single-channel A/D converter.
ST is already in the field with several hundred
million sensors which have received excellent
acceptance from the market in terms of quality,
reliability and performance
The LIS352AR is provided in a plastic land grid
array (LGA) package.
Several years ago ST successfully pioneered the
usage of this package for accelerometers. Today,
ST has the widest manufacturing capability and
strongest expertise in the world for production of
sensors in plastic LGA packages.
Table 1.
Device summary
Order code
Temp.
range [°C]
Package
Packing
LIS352AR
-40 to +85
LGA-14
Tray
LIS352ARTR
-40 to +85
LGA-14
Tape and reel
LGA-14 (3x5x0.9mm)
www.st.com


同様の部品番号 - LIS352AR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS352AXTR STMICROELECTRONICS-LIS352AXTR Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
More results

同様の説明 - LIS352AR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - ±2g analog output -piccolo- accelerometer
05-Mar-2008
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
logo
Analog Devices
ADXL377 AD-ADXL377 Datasheet
407Kb / 13P
3-Axis 짹200 g Analog MEMS
Rev. PrB
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
MEMS motion sensor: three-axis digital output gyroscope
05-Mar-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com