データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S003K3U6C データシート(PDF) 7 Page - STMicroelectronics

部品番号 STM8S003K3U6C
部品情報  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C データシート(HTML) 7 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 3Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 4Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 5Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 6Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 7Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 8Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 9Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 10Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Introduction
1
This datasheet contains the description of the device features, pinout, electrical characteristics,
mechanical data and ordering information.
• ForcompleteinformationontheSTM8Smicrocontrollermemory,registersandperipherals,
please refer to the STM8S microcontroller family reference manual (RM0016).
• For information on programming, erasing and protection of the internal Flash memory
please refer to the STM8S Flash programming manual (PM0051).
• For information on the debug and SWIM (single wire interface module) refer to the STM8
SWIM communication protocol and debug module user manual (UM0470).
• For information on the STM8 core, please refer to the STM8 CPU programming manual
(PM0044).
7/100
DocID018576 Rev 3
Introduction
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100