データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S003K3U6C データシート(PDF) 2 Page - STMicroelectronics

部品番号 STM8S003K3U6C
部品情報  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C データシート(HTML) 2 Page - STMicroelectronics

  STM8S003K3U6C Datasheet HTML 1Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 2Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 3Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 4Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 5Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 6Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 7Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 8Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
Contents
1 Introduction ..............................................................................................................7
2 Description ...............................................................................................................8
3 Block diagram ..........................................................................................................9
4 Product overview ...................................................................................................10
4.1 Central processing unit STM8 .....................................................................................10
4.2 Single wire interface module (SWIM) and debug module (DM) ..................................10
4.3 Interrupt controller .......................................................................................................11
4.4 Flash program memory and data EEPROM ................................................................11
4.5 Clock controller ............................................................................................................12
4.6 Power management ....................................................................................................13
4.7 Watchdog timers ..........................................................................................................13
4.8 Auto wakeup counter ...................................................................................................14
4.9 Beeper ........................................................................................................................14
4.10 TIM1 - 16-bit advanced control timer .........................................................................14
4.11 TIM2 - 16-bit general purpose timer ..........................................................................15
4.12 TIM4 - 8-bit basic timer ..............................................................................................15
4.13 Analog-to-digital converter (ADC1) ............................................................................15
4.14 Communication interfaces .........................................................................................16
4.14.1 UART1 ...............................................................................................16
4.14.2 SPI .....................................................................................................17
4.14.3 I²C ......................................................................................................17
5 Pinout and pin description ...................................................................................18
5.1 STM8S003K3 LQFP32 pinout and pin description ......................................................18
5.2 STM8S003F3 TSSOP20/UFQFPN20 pinout and pin description ...............................21
5.2.1 STM8S003F3 TSSOP20 pinout and pin description ............................21
5.2.2 STM8S003F3 UFQFPN20 pinout ........................................................22
5.2.3 STM8S003F3 TSSOP20/UFQFPN20 pin description ..........................22
5.3 Alternate function remapping .......................................................................................24
6 Memory and register map .....................................................................................25
6.1 Memory map ................................................................................................................25
6.2 Register map ...............................................................................................................26
6.2.1 I/O port hardware register map ............................................................26
6.2.2 General hardware register map
..........................................................27
6.2.3 CPU/SWIM/debug module/interrupt controller registers
.....................36
7 Interrupt vector mapping ......................................................................................39
8 Option bytes ...........................................................................................................41
8.1 Alternate function remapping bits ................................................................................43
DocID018576 Rev 3
2/100
STM8S003K3 STM8S003F3
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100