データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S003F3U6 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STM8S003F3U6
部品情報  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6 データシート(HTML) 4 Page - STMicroelectronics

  STM8S003F3U6 Datasheet HTML 1Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 2Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 3Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 4Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 5Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 6Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 7Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 8Page - STMicroelectronics STM8S003F3U6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
List of tables
Table 1. STM8S003xx value line features ................................................................................................8
Table 2. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................13
Table 3. TIM timer features ....................................................................................................................15
Table 4. Legend/abbreviations for pinout tables
...................................................................................18
Table 5. LQFP32 pin description ............................................................................................................19
Table 6. STM8S003F3 pin description ...................................................................................................22
Table 7. I/O port hardware register map ................................................................................................26
Table 8. General hardware register map
...............................................................................................27
Table 9. CPU/SWIM/debug module/interrupt controller registers
.........................................................36
Table 10. Interrupt mapping ...................................................................................................................39
Table 11. Option bytes
...........................................................................................................................99
Table 12. Option byte description ...........................................................................................................41
Table 13. STM8S003K3 alternate function remapping bits for 32-pin devices ......................................43
Table 14. STM8S003F3 alternate function remapping bits for 20-pin devices ......................................44
Table 15. Voltage characteristics ...........................................................................................................47
Table 16. Current characteristics ...........................................................................................................47
Table 17. Thermal characteristics ..........................................................................................................48
Table 18. General operating conditions .................................................................................................49
Table 19. Operating conditions at power-up/power-down ......................................................................50
Table 20. Total current consumption with code execution in run mode at VDD = 5 V .............................51
Table 21. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................52
Table 22. Total current consumption in wait mode at VDD = 5 V ............................................................53
Table 23. Total current consumption in wait mode at VDD = 3.3 V .........................................................53
Table 24. Total current consumption in active halt mode at VDD = 5 V ..................................................54
Table 25. Total current consumption in active halt mode at VDD = 3.3 V ...............................................54
Table 26. Total current consumption in halt mode at VDD = 5 V .............................................................55
Table 27. Total current consumption in halt mode at VDD = 3.3 V ..........................................................55
Table 28. Wakeup times .........................................................................................................................56
Table 29. Total current consumption and timing in forced reset state ....................................................57
Table 30. Peripheral current consumption .............................................................................................57
Table 31. HSE user external clock characteristics .................................................................................60
Table 32. HSE oscillator characteristics .................................................................................................61
Table 33. HSI oscillator characteristics ..................................................................................................62
Table 34. LSI oscillator characteristics ...................................................................................................64
Table 35. RAM and hardware registers ..................................................................................................64
Table 36. Flash program memory and data EEPROM ...........................................................................65
Table 37. I/O static characteristics .........................................................................................................66
Table 38. Output driving current (standard ports) ..................................................................................68
Table 39. Output driving current (true open drain ports) ........................................................................68
Table 40. Output driving current (high sink ports) ..................................................................................69
Table 41. NRST pin characteristics ........................................................................................................74
Table 42. SPI characteristics ..................................................................................................................78
Table 43. I
2C characteristics ..................................................................................................................80
Table 44. ADC characteristics ................................................................................................................82
Table 45. ADC accuracy with RAIN < 10 kΩ , VDD= 5 V .........................................................................82
Table 46. ADC accuracy with RAIN < 10 kΩ RAIN, VDD = 3.3 V ..............................................................83
Table 47. EMS data ................................................................................................................................86
DocID018576 Rev 3
4/100
STM8S003K3 STM8S003F3
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100