| データシートサーチシステム |
|
STM8S003F3U6 データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3U6 データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 100 page ![]() Description (1) Option byte no. 1: Port D0 alternate function = CLK_CCO. AFR[4:2] Alternate function remapping options 4:2 Reserved. AFR1 Alternate function remapping option 1 0: AFR1 remapping option inactive: Default alternate functions (2). 1: Port A3 alternate function = SPI_NSS; port D2 alternate function = TIM2_CH3. AFR0 Alternate function remapping option 0 Reserved. (1) Do not use more than one remapping option in the same port. It is forbidden to enable both AFR1 and AFR0. (2) Refer to pinout description. Table 14: STM8S003F3 alternate function remapping bits for 20-pin devices Description Option byte no. AFR7 Alternate function remapping option 7 OPT2 0: AFR7 remapping option inactive: Default alternate functions (1). 1: Port C3 alternate function = TIM1_CH1N; port C4 alternate function = TIM1_CH2N. AFR6 Alternate function remapping option 6 Reserved. AFR5 Alternate function remapping option 5 Reserved. AFR4 Alternate function remapping option 4 0: AFR4 remapping option inactive: Default alternate functions (1). 1: Port B4 alternate function = ADC_ETR; port B5 alternate function = TIM1_BKIN. AFR3 Alternate function remapping option 3 0: AFR3 remapping option inactive: Default alternate function (1). 1: Port C3 alternate function = TLI. AFR2 Alternate function remapping option 2 DocID018576 Rev 3 44/100 STM8S003K3 STM8S003F3 Option bytes |