データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JS28F128P30TF75A データシート(PDF) 72 Page - Micron Technology

部品番号 JS28F128P30TF75A
部品情報  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRON [Micron Technology]
ホームページ  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A データシート(HTML) 72 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 68Page - Micron Technology JS28F128P30TF75A Datasheet HTML 69Page - Micron Technology JS28F128P30TF75A Datasheet HTML 70Page - Micron Technology JS28F128P30TF75A Datasheet HTML 71Page - Micron Technology JS28F128P30TF75A Datasheet HTML 72Page - Micron Technology JS28F128P30TF75A Datasheet HTML 73Page - Micron Technology JS28F128P30TF75A Datasheet HTML 74Page - Micron Technology JS28F128P30TF75A Datasheet HTML 75Page - Micron Technology JS28F128P30TF75A Datasheet HTML 76Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
72
Order Number: 208033-02
Table 43: CFI Link Information
Length
Description
Hex
(Optional flash features and commands)
Add.
Code
Value
4
CFI Link Field bit definitions
152:
Bits 0–9 =Address offset (within 32Mbit segment) of referenced CFItable
153:
Bits 10–27 = nth 32Mbit segment of referenced CFItable
154:
Bits 28–30 = Memory Type
155:
Bit 31 =Another CFILink field immediately follows
1
CFI Link Field Quantity Subfield definitions
156:
Bits 0–3 =Quantity field (n such that n+1 equals quantity)
Bit 4 = Table &Die relative location
Bit 5 = Link Field &Table relative location
Bits 6–7 =Reserved
--FF
--FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90