データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JS28F128P30TF75A データシート(PDF) 33 Page - Micron Technology

部品番号 JS28F128P30TF75A
部品情報  Numonyx Axcell P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRON [Micron Technology]
ホームページ  http://www.micron.com
Logo MICRON - Micron Technology

JS28F128P30TF75A データシート(HTML) 33 Page - Micron Technology

Back Button JS28F128P30TF75A Datasheet HTML 29Page - Micron Technology JS28F128P30TF75A Datasheet HTML 30Page - Micron Technology JS28F128P30TF75A Datasheet HTML 31Page - Micron Technology JS28F128P30TF75A Datasheet HTML 32Page - Micron Technology JS28F128P30TF75A Datasheet HTML 33Page - Micron Technology JS28F128P30TF75A Datasheet HTML 34Page - Micron Technology JS28F128P30TF75A Datasheet HTML 35Page - Micron Technology JS28F128P30TF75A Datasheet HTML 36Page - Micron Technology JS28F128P30TF75A Datasheet HTML 37Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
Datasheet
Apr 2010
33
Order Number:208033-02
P30-65nm SBC
10.2
Selectable OTP Blocks
P30-65nm SBC device is backward-compatible with the OTP permanent block lock
security feature of the legacy P30-130nm device. Blocks from the main array can be
optionally configured as OTP. Ask your local Numonyx Sales representative for details
about these selectable OTP implementations.
10.3
Password Access
The Password Access is a security enhancement offered on the P30-65nm SBC device.
This feature protects information stored in array blocks by preventing content
alteration or reads until a valid 64-bit password is received. The Password Access may
be combined with Flexible block blocking to create a multi-tiered solution.
Please contact representative Numonyx Sales for further details concerning the
Password Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90