データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JS28F512P30TFA データシート(PDF) 76 Page - Micron Technology

部品番号 JS28F512P30TFA
部品情報  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRON [Micron Technology]
ホームページ  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA データシート(HTML) 76 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 72Page - Micron Technology JS28F512P30TFA Datasheet HTML 73Page - Micron Technology JS28F512P30TFA Datasheet HTML 74Page - Micron Technology JS28F512P30TFA Datasheet HTML 75Page - Micron Technology JS28F512P30TFA Datasheet HTML 76Page - Micron Technology JS28F512P30TFA Datasheet HTML 77Page - Micron Technology JS28F512P30TFA Datasheet HTML 78Page - Micron Technology JS28F512P30TFA Datasheet HTML 79Page - Micron Technology JS28F512P30TFA Datasheet HTML 80Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
76
Order Number: 208042-0
6
Figure 34: Block Erase Flowchart
Start
Confirm Cycle
- Issue Confirm command
- Address = Block to be erased
- Data = Erase confirm (0xD0)
Errors
?
Yes
No
Error-Handler
User Defined Routine
Check Ready Status
- Read Status Register Command not required
- Perform read operation
- Read Ready Status on signal SR.7
Command Cycle
- Issue Erase command
- Address = Block to be erased
- Data = 0x20
Yes
SR.7 = '1'
?
End
No
Suspend
?
No
Yes
Read Status Register
- Toggle CE# or OE# to update Status Register
- See Status Register Flowchart
Erase Suspend
See Suspend/
Resume Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86