| データシートサーチシステム |
|
SL3ICS1002FUG データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002FUG データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 21 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 13.5 Data integrity The G2X ignores invalid commands. In general, "invalid" means a command that (1) is incorrect given the current the G2X state, (2) is unsupported by the G2X, (3) has incorrect parameters, (4) has a CRC error, (5) specifies an incorrect session, or (6) is in any other way not recognized or not executable by the G2X. The actual definition of "invalid" is state-specific and defined, for each G2X state, in n Section 17, Ref. 1 Annex B and Annex C. All UCODE G2X backscatter error codes are summarized in Section 17, Ref. 1 Error codes, Annex I. For a detailed description of the individual backscatter error situations which are command specific please refer to the Section 17, Ref. 1 individual command description section 6.3.2.10. 13.6 CRC A CRC-16 is a cyclic-redundancy check that an interrogator uses when protecting certain R=>T commands, and the G2X uses when protecting certain backscattered T=>R sequences. To generate a CRC-16 an interrogator or the G2X first generates the CRC-16 precursor shown in Section 17, Ref. 1 Table 6.11, then take the ones-complement of the generated precursor to form the CRC-16. For a detailed description of the CRC-16 generation and handling rules refer to Section 17, Ref. 1, chapter 6.3.2.1. The CRC-5 is only used to protect the Query command (out of the mandatory command set). It is calculated out of X5 + X3 + 1. For a more detailed CRC-5 description refer to Section 17, Ref. 1, table 6.12. For exemplary schematic diagrams for CRC-5 and CRC-16 encoder/decoder refer to Section 17, Ref. 1, Annex F. For a CRC calculation example refer to Section 15.1, Table 29 and Table 30. |