| データシートサーチシステム |
|
SL3ICS1002FUG データシート(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002FUG データシート(HTML) 22 Page - NXP Semiconductors |
|
22 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 22 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 14. TAG selection, inventory and access This section contains all information including commands by which a reader selects, inventories, and accesses a G2X population An interrogator manages UCODE G2X equipped tag populations using three basic operations. Each of these operations comprises one or more commands. The operations are defined as follows Select: The process by which an interrogator selects a tag population for inventory and access. Interrogators may use one or more Select commands to select a particular tag population prior to inventory. Inventory: The process by which an interrogator identifies UCODE G2X equipped tags. An interrogator begins an inventory round by transmitting a Query command in one of four sessions. One or more G2X may reply. The interrogator detects a single G2X reply and requests the PC, EPC, and CRC-16 from the chip. An inventory round operates in one and only one session at a time. For an example of an interrogator inventorying and accessing a single G2X refer to Section 17, Ref. 1, Annex E. Access: The process by which an interrogator transacts with (reads from or writes to) individual G2X. An individual G2X must be uniquely identified prior to access. Access comprises multiple commands, some of which employ one-time-pad based cover-coding of the R=>T link. |