データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ12MC201TIP データシート(PDF) 72 Page - Microchip Technology

部品番号 DSPIC33FJ12MC201TIP
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TIP データシート(HTML) 72 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TIP Datasheet HTML 68Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 69Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 70Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 71Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 72Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 73Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 74Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 75Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 72
© 2007-2011 Microchip Technology Inc.
FIGURE 7-1:
dsPIC33FJ12MC201/202 INTERRUPT VECTOR TABLE
Reset – GOTO Instruction
0x000000
Reset – GOTO Address
0x000002
Reserved
0x000004
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
0x000014
Interrupt Vector 1
~
~
~
Interrupt Vector 52
0x00007C
Interrupt Vector 53
0x00007E
Interrupt Vector 54
0x000080
~
~
~
Interrupt Vector 116
0x0000FC
Interrupt Vector 117
0x0000FE
Reserved
0x000100
Reserved
0x000102
Reserved
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
0x000114
Interrupt Vector 1
~
~
~
Interrupt Vector 52
0x00017C
Interrupt Vector 53
0x00017E
Interrupt Vector 54
0x000180
~
~
~
Interrupt Vector 116
Interrupt Vector 117
0x0001FE
Start of Code
0x000200
Interrupt Vector Table (IVT)(1)
Alternate Interrupt Vector Table (AIVT)(1)
Note 1:
See Table 7-1 for the list of implemented interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More