データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ12MC201TIP データシート(PDF) 9 Page - Microchip Technology

部品番号 DSPIC33FJ12MC201TIP
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TIP データシート(HTML) 9 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TIP Datasheet HTML 5Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 6Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 7Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 8Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 9Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 10Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 11Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 12Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 9
dsPIC33FJ12MC201/202
1.0
DEVICE OVERVIEW
This document contains device specific information for
the dsPIC33FJ12MC201/202 Digital Signal Controller
(DSC) Devices. The dsPIC33F devices contain
extensive Digital Signal Processor (DSP) functionality
with a high-performance, 16-bit microcontroller (MCU)
architecture.
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the dsPIC33FJ12MC201/
202 family of devices. Table 1-1 lists the functions of
the various pins shown in the pinout diagrams.
Note 1:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F/PIC24H
Family
Reference
Manual”
. Please see the Microchip web
site (www.microchip.com) for the latest
dsPIC33F/PIC24H
Family
Reference
Manual sections.
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More