| データシートサーチシステム |
|
DSPIC33FJ12MC202TESS データシート(PDF) 84 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS データシート(HTML) 84 Page - Microchip Technology |
|
84 / 304 page ![]() dsPIC33FJ12MC201/202 DS70265E-page 84 © 2007-2011 Microchip Technology Inc. REGISTER 7-8: IFS4: INTERRUPT FLAG STATUS REGISTER 4 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 U-0 — — — — — FLTA2IF PWM2IF — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 U-0 — — — — — —U1EIF — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-11 Unimplemented: Read as ‘0’ bit 10 FLTA2IF: PWM2 Fault A Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 9 PWM2IF: PWM2 Error Interrupt Enable bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 8-2 Unimplemented: Read as ‘0’ bit 1 U1EIF: UART1 Error Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 0 Unimplemented: Read as ‘0’ |