| データシートサーチシステム |
|
DSPIC33FJ12MC202TESS データシート(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS データシート(HTML) 96 Page - Microchip Technology |
|
96 / 304 page ![]() dsPIC33FJ12MC201/202 DS70265E-page 96 © 2007-2011 Microchip Technology Inc. REGISTER 7-19: IPC7: INTERRUPT PRIORITY CONTROL REGISTER 7 U-0 U-1 U-0 U-0 U-0 U-1 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 R/W-1 R/W-0 R/W-0 U-0 U-0 U-0 U-0 — INT2IP<2:0> — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-7 Unimplemented: Read as ‘0’ bit 6-4 INT2IP<2:0>: External Interrupt 2 Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled bit 3-0 Unimplemented: Read as ‘0’ |