| データシートサーチシステム |
|
DSPIC33FJ12MC202TESS データシート(PDF) 117 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS データシート(HTML) 117 Page - Microchip Technology |
|
117 / 304 page ![]() © 2007-2011 Microchip Technology Inc. DS70265E-page 117 dsPIC33FJ12MC201/202 REGISTER 9-3: PMD3: PERIPHERAL MODULE DISABLE CONTROL REGISTER 3 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 R/W-0 U-0 U-0 U-0 U-0 — — —PWM2MD — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-5 Unimplemented: Read as ‘0’ bit 4 PWM2MD: PWM2 Module Disable bit 1 = PWM2 module is disabled 0 = PWM2 module is enabled bit 3-0 Unimplemented: Read as ‘0’ |