データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ12MC202TESS データシート(PDF) 144 Page - Microchip Technology

部品番号 DSPIC33FJ12MC202TESS
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS データシート(HTML) 144 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 140Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 141Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 142Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 143Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 144Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 145Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 146Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 147Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 144
© 2007-2011 Microchip Technology Inc.
FIGURE 12-1:
TIMER2/3 (32-BIT) BLOCK DIAGRAM(1)
Set T3IF
Equal
Comparator
PR3
PR2
Reset
LSb
MSb
Note
1:
The 32-bit timer control bit, T32, must be set for 32-bit timer/counter operation. All control bits are respective
to the T2CON register.
2:
The ADC event trigger is available only on Timer2/3.
Data Bus<15:0>
TMR3HLD
Read TMR2
Write TMR2
16
16
16
Q
QD
CK
TGATE
0
1
TON
TCKPS<1:0>
2
TCY
TCS
1x
01
TGATE
00
T2CK
ADC Event Trigger(2)
Gate
Sync
Prescaler
1, 8, 64, 256
Sync
TMR3
TMR2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More