| データシートサーチシステム |
|
DSPIC33FJ12MC202TESS データシート(PDF) 164 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS データシート(HTML) 164 Page - Microchip Technology |
|
164 / 304 page ![]() dsPIC33FJ12MC201/202 DS70265E-page 164 © 2007-2011 Microchip Technology Inc. REGISTER 15-8: PxDTCON2: DEAD-TIME CONTROL REGISTER 2(1) U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — DTS3A DTS3I DTS2A DTS2I DTS1A DTS1I bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-6 Unimplemented: Read as ‘0’ bit 5 DTS3A: Dead-Time Select for PWM3 Signal Going Active bit 1 = Dead time provided from Unit B 0 = Dead time provided from Unit A bit 4 DTS3I: Dead-Time Select for PWM3 Signal Going Inactive bit 1 = Dead time provided from Unit B 0 = Dead time provided from Unit A bit 3 DTS2A: Dead-Time Select for PWM2 Signal Going Active bit 1 = Dead time provided from Unit B 0 = Dead time provided from Unit A bit 2 DTS2I: Dead-Time Select for PWM2 Signal Going Inactive bit 1 = Dead time provided from Unit B 0 = Dead time provided from Unit A bit 1 DTS1A: Dead-Time Select for PWM1 Signal Going Active bit 1 = Dead time provided from Unit B 0 = Dead time provided from Unit A bit 0 DTS1I: Dead-Time Select for PWM1 Signal Going Inactive bit 1 = Dead time provided from Unit B 0 = Dead time provided from Unit A Note 1: PWM2 supports only one PWM I/O pin pair. |