| データシートサーチシステム |
|
S12OSCV2D データシート(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12OSCV2D データシート(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 38 $00DC Reserved Read: 00000000 Write: $00DD SPI0DR Read: Bit7 654321 Bit0 Write: $00DE Reserved Read: 00000000 Write: $00DF Reserved Read: 00000000 Write: $00E0 - $00E7 IIC (Inter IC Bus) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00E0 IBAD Read: ADR7 ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 0 Write: $00E1 IBFD Read: IBC7 IBC6 IBC5 IBC4 IBC3 IBC2 IBC1 IBC0 Write: $00E2 IBCR Read: IBEN IBIE MS/SL TX/RX TXAK 00 IBSWAI Write: RSTA $00E3 IBSR Read: TCF IAAS IBB IBAL 0SRW IBIF RXAK Write: $00E4 IBDR Read: D7 D6 D5 D4 D3 D2 D1 D 0 Write: $00E5 Reserved Read: 0 0 0 0 0 0 0 0 Write: $00E6 Reserved Read: 00000000 Write: $00E7 Reserved Read: 00000000 Write: $00E8 - $00EF BDLC (Bytelevel Data Link Controller J1850) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00E8 DLCBCR1 Read: IMSG CLKS 0000 IE WCM Write: $00E9 DLCBSVR Read: 0 0 I3 I2 I1 I0 0 0 Write: $00EA DLCBCR2 Read: SMRST DLOOP RX4XE NBFS TEOD TSIFR TMIFR1 TMIFR0 Write: $00EB DLCBDR Read: D7 D6 D5 D4 D3 D2 D1 D0 Write: $00EC DLCBARD Read: 0 RXPOL 00 BO3 BO2 BO1 BO0 Write: $00ED DLCBRSR Read: 0 0 R5 R4 R3 R2 R1 R0 Write: $00EE DLCSCR Read: 0 0 0 BDLCE 0 0 0 0 Write: $00EF DLCBSTAT Read: 0 0 0 0 0 0 0 IDLE Write: $00D8 - $00DF SPI0 (Serial Peripheral Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |