データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S12OSCV2D データシート(PDF) 73 Page - Freescale Semiconductor, Inc

部品番号 S12OSCV2D
部品情報  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12OSCV2D データシート(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button S12OSCV2D Datasheet HTML 69Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 70Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 71Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 72Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 73Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 74Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 75Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 76Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
73
NOTE:
For devices assembled in 80-pin QFP packages all non-bonded out pins should be
configured as outputs after reset in order to avoid current drawn from floating
inputs. Refer to Table 2-1 for affected pins.
5.3.2 Memory
Refer to Table 1-1 for locations of the memories depending on the operating mode after reset.
The RAM array is not automatically initialized out of reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More