| データシートサーチシステム |
|
S12OSCV2D データシート(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12OSCV2D データシート(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 115 A.7.2 Slave Mode Figure A-7 and Figure A-8 illustrate the slave mode timing. Timing values are shown in Table A-19. Figure A-7 SPI Slave Timing (CPHA = 0) Figure A-8 SPI Slave Timing (CPHA =1) SCK (INPUT) SCK (INPUT) MOSI (INPUT) MISO (OUTPUT) SS (INPUT) 1 9 5 6 MSB IN BIT 6 . . . 1 LSB IN MSB OUT SLAVE LSB OUT BIT 6 . . . 1 10 4 4 2 7 (CPOL = 0) (CPOL = 1) 3 12 SLAVE 12 11 10 11 8 SCK (INPUT) SCK (INPUT) MOSI (INPUT) MISO (OUTPUT) 1 5 6 MSB IN BIT 6 . . . 1 LSB IN MSB OUT SLAVE LSB OUT BIT 6 . . . 1 4 4 9 11 12 10 (CPOL = 0) (CPOL = 1) SS (INPUT) 2 12 11 3 SLAVE 7 8 |