データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2534 データシート(PDF) 34 Page - SMSC Corporation

部品番号 USB2534
部品情報  USB 2.0 Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2534 データシート(HTML) 34 Page - SMSC Corporation

Back Button USB2534 Datasheet HTML 30Page - SMSC Corporation USB2534 Datasheet HTML 31Page - SMSC Corporation USB2534 Datasheet HTML 32Page - SMSC Corporation USB2534 Datasheet HTML 33Page - SMSC Corporation USB2534 Datasheet HTML 34Page - SMSC Corporation USB2534 Datasheet HTML 35Page - SMSC Corporation USB2534 Datasheet HTML 36Page - SMSC Corporation USB2534 Datasheet HTML 37Page - SMSC Corporation USB2534 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
USB 2.0 Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
34
SMSC USB2534
DATASHEET
Note: The SMBus page register must be configured to allow the SOC to access the proper register
space. Refer to Section 7.2.2, "Run Time SMBus Page Register," on page 45 for details.
Table 7.1 SMBus Accessible Run Time Registers
NAME
XDATA
ADDR
UP_BC_DET
0x30E2
Table 7.2, "Upstream Battery Charging Detection Control Register"
UP_CUST_BC_CTL
0x30E3
Table 7.3, "Upstream Custom Battery Charger Control Register"
UP_CUST_BC_STAT
0x30E4
Table 7.4, "Upstream Custom Battery Charger Status Register"
PORT_PWR_STAT
0x30E5
Table 7.5, "Port Power Status Register"
OCS_STAT
0x30E6
Table 7.6, "OCS Status Register"
BC_CHG_MODE
0x30EC
Table 7.7, "Upstream Battery Charger Mode Register"
CHG_DET_MSK
0x30ED
Table 7.8, "Charge Detect Mask Register"
CFGP
0x30EE
Table 7.9, "Configure Portable Hub Register"
PSELSUSP
0x318B
Table 7.10, "Port Select and Low-Power Suspend Register"
CONNECT_CFG
0x318E
Table 7.11, "Connect Configuration Register"
BC_CTL_1 (Upstream)
0x6100
Table 7.12, "Upstream (Port 0) Battery Charging Control 1 Register"
BC_CTL_2
(Upstream)
0x6101
Table 7.13, "Upstream (Port 0) Battery Charging Control 2 Register"
BC_CTL_RUN_TIME
(Upstream)
0x6102
Table 7.14, "Upstream (Port 0) Battery Charging Run Time Control
Register"
BC_CTL_DET
(Upstream)
0x6103
Table 7.15, "Upstream (Port 0) Battery Charging Detect Register"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com