データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2534 データシート(PDF) 45 Page - SMSC Corporation

部品番号 USB2534
部品情報  USB 2.0 Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2534 データシート(HTML) 45 Page - SMSC Corporation

Back Button USB2534 Datasheet HTML 41Page - SMSC Corporation USB2534 Datasheet HTML 42Page - SMSC Corporation USB2534 Datasheet HTML 43Page - SMSC Corporation USB2534 Datasheet HTML 44Page - SMSC Corporation USB2534 Datasheet HTML 45Page - SMSC Corporation USB2534 Datasheet HTML 46Page - SMSC Corporation USB2534 Datasheet HTML 47Page - SMSC Corporation USB2534 Datasheet HTML 48Page - SMSC Corporation USB2534 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
USB 2.0 Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB2534
45
Revision 1.0 (06-17-13)
DATASHEET
7.2.2
Run Time SMBus Page Register
The following run time SMBus page register is located at 0xFF and must be programmed to allow the
SOC to page through different pages of the register space.
Table 7.16
SMBus Page Register
SMBUS_PAGE
(0xFF(I2C) - RESET= 0x00)
SMBUS PAGE REGISTER
BIT
NAME
R/W
DESCRIPTION
7:5
PAGE_SEL
R/W
From the I2C side, this field allows the I2C to select the accessible address
space:
000 = Select registers in the 3000 space (0x30e2 - 0x30ee)
010 = Select registers in the 3100 space (0x318b,0x318e)
110 = Select register in the 6100 space (0x6100,0x6101,0x6102)
5:0
Reserved
R
Reserved.
Note:
Software must never write a ‘1’ to these bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62