| データシートサーチシステム |
|
33461 データシート(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 データシート(HTML) 2 Page - Tyco Electronics |
|
2 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 2 Table of Contents How to Compute Circular Mil Area of Various Wire Shapes ............................................................................................3 Table of SOLISTRAND and Budget Standard Wire Ranges ..................................................3 Table listing: Circular Mil Area for common wire sizes......................................................4 – 7 Product Descriptions ....................................................................................................8, 9, 10 Stud Hole Sizes ....................................................................................................................11 SOLISTRAND and Budget Ring Tongue Terminals...........................................................................................12– 20 26 AWG – 600 MCM [0.1– 304 mm 2] Right Angle Ring Tongue Terminals ............................................................................21 22 AWG – 300 MCM [0.26– 152 mm 2] Heavy Duty Ring Tongue Terminals ......................................................................22, 23 16 – 1/0 AWG [1.04 – 60.6 mm 2] Rectangular Tongue Terminals ..............................................................................24, 25 22 – 10 AWG [0.26 – 6.64 mm 2] Spade Tongue Terminals ..............................................................................................26 26 – 10 AWG [0.1 – 6.64 mm 2] Short Spring Spade Tongue Terminals ................................................................27, 28 26 – 10 AWG [0.1 – 6.64 mm 2] Long Spring Spade Tongue Terminals .......................................................................29 26 – 10 AWG [0.1 – 6.64 mm 2] Flanged Spade Tongue Terminals ..............................................................................30 26 – 10 AWG [0.1 – 6.64 mm 2] Slotted Ring Tongue Terminals ...................................................................................31 26 – 10 AWG [0.1 – 6.64 mm 2] Hook Tongue Terminals ................................................................................................32 22 – 10 AWG [0.26 – 6.64 mm 2] Tab Tongue Terminals...................................................................................................32 22 – 8 AWG [0.26 – 10.5 mm 2] Flag Ring Tongue Terminals...................................................................................33, 34 16 – 4/0 AWG [1.04 – 117 mm 2] Parallel Splices...............................................................................................................35 22 AWG– 600 MCM [0.26 – 304 mm 2] Butt Splices ..............................................................................................................36, 37 26 AWG – 600 MCM [0.1 – 304 mm 2] DIAMOND GRIP Ring Tongue Terminals ...........................................................................................38, 39 26 – 10 AWG [0.1– 6.64 mm 2] Knife Disconnect Splices ..............................................................................................40 22 – 10 AWG [0.26 – 6.64 mm 2] Slotted Ring Tongue ......................................................................................................40 26 – 16 AWG [0.1 – 1.65 mm 2] Rectangular Tongue Terminals ....................................................................................41 22 – 16 AWG [0.26 – 1.65 mm 2] Flanged Spade Tongue Terminals ..............................................................................41 26 – 14 AWG [0.1 – 2.62 mm 2] Spade Tongue Terminals .............................................................................................42 26 – 16 AWG [0.1 – 1.65 mm 2] Standard “B” Knife Disconnect Splices ..............................................................................................43 22 – 8 AWG [0.26 – 10.5 mm 2] Rectangular Tongue Terminals ....................................................................................43 22 – 14 AWG [0.26 – 2.62 mm 2] Military Approvals, Part Numbers & Requirements ......................................................44 – 48 U.L. Requirements ..........................................................................................................49, 50 Application Tooling ........................................................................................................51– 56 Part Number Index .........................................................................................................57– 59 |