| データシートサーチシステム |
|
33461 データシート(PDF) 28 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 データシート(HTML) 28 Page - Tyco Electronics |
|
28 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 28 Short Spring Spade Tongue Terminals (Continued) Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud L E C W X Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. 5 .576 .431 .250 .250 .140 .033 .085 .089 53177-1* 53009-1 M3 14.63 10.95 6.35 6.35 3.56 0.84 2.16 2.26 6 .576 .431 .250 .250 .140 .033 .085 .089 53123-1* 53010-1 M3.5 14.63 10.95 6.35 6.35 3.56 0.84 2.16 2.26 53123-2* .637 .462 .281 .375 .170 .033 .085 .089 53124-1* 53011-1 16–14 8 16.18 11.73 7.14 9.53 4.32 0.84 2.16 2.26 53124-2* 2,050–5,180 M4 .637 .462 .281 .244 .170 .033 .085 .089 53833-1* 53270-2 [1.04–2.62] 16.18 11.73 7.14 6.20 4.32 0.84 2.16 2.26 53833-2* .685 .462 .281 .406 .218 .033 .085 .089 53125-1* 53012-1 17.40 11.73 7.14 10.31 5.54 0.84 2.16 2.26 53125-2* 10 .685 .462 .281 .294 .218 .033 .085 .089 53834-1* 53271-2 17.40 11.73 7.14 7.47 5.54 0.84 2.16 2.26 53834-2* 1/4-28 UNF .810 .524 .343 .625 .281 .033 — .089 — 53032-1 M6 20.57 13.31 8.71 15.88 7.14 0.84 2.26 5 .636 .447 .169 .250 .184 .042 — .134 — 53013-1 M3 16.15 11.35 4.29 6.35 4.67 1.07 3.40 6 .636 .452 .174 .250 .179 .042 .129 .134 53126-1* 53014-1 M3.5 16.15 11.48 4.42 6.35 4.55 1.07 3.28 3.40 53126-2* .729 .554 .276 .375 .170 .042 .129 .134 53127-1* 53015-1 8 18.52 14.07 7.01 9.53 4.32 1.07 3.28 3.40 53127-2* 12–10 M4 .729 .554 .276 .312 .170 .042 .129 .134 53835-1* 53273-2 5,180–13,100 18.52 14.07 7.01 7.92 4.32 1.07 3.28 3.40 53835-2* [2.62–6.64] .777 .554 .276 .406 .218 .042 .129 .134 53128-1* 53016-1 19.74 14.07 7.01 10.31 5.54 1.07 3.28 3.40 53128-2* 10 .777 .554 .276 .312 .218 .042 .129 .134 53836-1* 53274-2 19.74 14.07 7.01 7.92 5.54 1.07 3.28 3.40 53836-2* 1/4-28 UNF .902 .616 .338 .375 .281 .042 — .134 — 53226-2 M6 22.91 15.65 8.59 9.53 7.14 1.07 3.40 Note: Part numbers are shown as loose piece over tape mounted product. *Part numbers are available in small quantity packages. Wire Size Range AWG 16 to 10, CMA 2,050 to 13,100 [1.04 to 6.64 mm2] Material Terminal Body — Phosphor Bronze per ASTM B-103 Plating — Tin per MIL-T-10727 |