データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPS4018 データシート(PDF) 25 Page - Microchip Technology

部品番号 LPS4018
部品情報  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS4018 データシート(HTML) 25 Page - Microchip Technology

Back Button LPS4018 Datasheet HTML 21Page - Microchip Technology LPS4018 Datasheet HTML 22Page - Microchip Technology LPS4018 Datasheet HTML 23Page - Microchip Technology LPS4018 Datasheet HTML 24Page - Microchip Technology LPS4018 Datasheet HTML 25Page - Microchip Technology LPS4018 Datasheet HTML 26Page - Microchip Technology LPS4018 Datasheet HTML 27Page - Microchip Technology LPS4018 Datasheet HTML 28Page - Microchip Technology LPS4018 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 25
MCP16321/2
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
Code
MCP16321T-150E/NG
AAA
MCP16321T-180E/NG
AAB
MCP16321T-250E/NG
AAC
MCP16321T-330E/NG
AAD
MCP16321T-500E/NG
AAE
MCP16321T-ADJE/NG
AAF
MCP16322T-150E/NG
ABA
MCP16322T-180E/NG
ABB
MCP16322T-250E/NG
ABC
MCP16322T-330E/NG
ABD
MCP16322T-500E/NG
ABE
MCP16322T-ADJE/NG
ABF
16-Lead QFN (3x3x0.9 mm)
Example
AAA
E114
5256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com