データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPS4018 データシート(PDF) 15 Page - Microchip Technology

部品番号 LPS4018
部品情報  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LPS4018 データシート(HTML) 15 Page - Microchip Technology

Back Button LPS4018 Datasheet HTML 11Page - Microchip Technology LPS4018 Datasheet HTML 12Page - Microchip Technology LPS4018 Datasheet HTML 13Page - Microchip Technology LPS4018 Datasheet HTML 14Page - Microchip Technology LPS4018 Datasheet HTML 15Page - Microchip Technology LPS4018 Datasheet HTML 16Page - Microchip Technology LPS4018 Datasheet HTML 17Page - Microchip Technology LPS4018 Datasheet HTML 18Page - Microchip Technology LPS4018 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 15
MCP16321/2
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP16321/2 is a high-input voltage, step-down
regulator, capable of supplying 1A/2A to a regulated
output voltage from 0.9V to 5V. Internally, the 1 MHz
oscillator provides a fixed frequency, while the Peak
Current Mode Control architecture varies the duty cycle
for output voltage regulation. An internal floating driver
is used to turn the high-side integrated N-Channel
MOSFET on and off. The power for this driver is
derived from an external boost capacitor whose energy
is replenished when the low-side N-Channel MOSFET
is turned on. When the maximum duty cycle
approaches 100%, the boost capacitor is replenished
for 240 ns after every 8 cycles.
4.1.1
INTERNAL REFERENCE VOLTAGE
VREF
For the adjustable version, an integrated precise 0.9V
reference combined with an external resistor divider
sets the desired converter output voltage. The resistor
divider can vary without affecting the control system
gain. High-value resistors consume less current, but
are more susceptible to noise. For the fixed version, an
integrated precise voltage reference is set to the
desired VOUT value and is directly connected to VOUT.
4.1.2
INTERNAL COMPENSATION
All control system components necessary for stable
operation over the entire device operating range are
integrated, including the error amplifier and inductor
current slope compensation.
4.1.3
EXTERNAL COMPONENTS
External components consist of:
• Input capacitor
• Output filter (inductor and capacitor)
• Boost capacitor
• Resistor divider (adjustable version only)
The selection of the external inductor, output capacitor,
input capacitor and boost capacitor is dependent upon
the output voltage and the maximum output current.
4.1.4
ENABLE INPUT
The enable input (EN) is used to disable the device. If
disabled, the device consumes a minimal current from
the input. Once enabled, the internal soft start controls
the output voltage rate of rise, preventing high-inrush
current and output voltage overshoot. The EN is
internally pulled up or enabled; to disable the converter,
it must be pulled low.
4.1.5
SOFT START
The internal reference voltage rate of rise is controlled
during startup, minimizing the output voltage overshoot
and the inrush current.
4.1.6
OUTPUT OVER VOLTAGE
PROTECTION
If the output of the regulator exceeds 103% of the
regulation voltage, the SW outputs will tri-state to
protect the device from damage. This check occurs at
the start of each switching cycle.
4.1.7
INPUT UNDER VOLTAGE LOCKOUT
An integrated Under Voltage Lockout (UVLO) prevents
the converter from starting until the input voltage is high
enough for normal operation. The converter will
typically start at 5.75V (typical) and operate down to
5.25V (typical). Hysteresis of 500 mV (typical) is added
to prevent starting and stopping during startup, as a
result of loading the input voltage source.
4.1.8
MINIMUM DUTY CYCLE
A minimum duty cycle of 70 ns typical prevents the
device from constant switching for high step-down
voltage ratios. Duty cycles less than this minimum will
initiate pulse skipping to maintain output voltage
regulation, resulting in higher output voltage ripple.
Duty cycle for continuous inductor current operation is
approximated by VOUT/VIN. For a 1 MHz switching
frequency or 1 µs period, this results in a 7% duty cycle
minimum. Maximum VIN for continuous switching can
be approximated dividing VOUT by the minimum duty
cycle or 7%. For example, the maximum input voltage
for continuous switching for a 1.5V output is equal to
approximately 21V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com