| データシートサーチシステム |
|
MSS5121 データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MSS5121 データシート(HTML) 5 Page - Microchip Technology |
|
5 / 34 page ![]() © 2011 Microchip Technology Inc. DS22285A-page 5 MCP16321/2 TABLE 1-1: TEMPERATURE CHARACTERISTICS Electrical Characteristics Parameters Sym Min Typ Max Units Conditions Temperature Ranges Operating Junction Temperature Range TJ -40 — 125 °C Steady State Storage Temperature Range TA -65 — 150 °C Maximum Junction Temperature TJ — — 150 °C Transient Package Thermal Resistances Thermal Resistance, 16L 3x3-QFN θJA —38.5 — °C/W Note 1 Note 1: Measured using a 4-layer FR4 Printed Circuit Board with a 13.5 in2, 1 oz internal copper ground plane. |