データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/PT データシート(PDF) 7 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/PT
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/PT データシート(HTML) 7 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/PT Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 9Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 10Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 7
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
Pin Diagrams (Continued)
28-Pin QFN-S(2)
2
3
6
1
18
19
20
21
15
7
16
17
5
4
VSS
PGED1/AN2/C2IN-/RP0(1)/CN4/RB0
VSS
OSC2/CLKO/CN29/PMA0/RA3
OSC1/CLKI/CN30/RA2
VCAP/VDDCORE
TDO/SDA1/RP9(1)/CN21/PMD3/RB9
AN5/C1IN+/RP3(1)/CN7/RB3
AN4/C1IN-/RP2(1)/CN6/RB2
PGEC1/AN3/C2IN+/RP1(1)/CN5/RB1
AN11/DAC1RN/RP13(1)/CN13/PMRD/RB13
AN12/DAC1RP/RP12(1)/CN14/PMD0/RB12
PGED2/TDI/RP10(1)/CN16/PMD2/RB10
PGEC2/TMS/RP11(1)/CN15/PMD1/RB11
dsPIC33FJ64GP802
dsPIC33FJ128GP802
Note
1:
The RPx pins can be used by any remappable peripheral. See the table “dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04,
and dsPIC33FJ128GPX02/X04 Controller Families” in this section for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More