データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/PT データシート(PDF) 19 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/PT
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/PT データシート(HTML) 19 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/PT Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 19Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 20Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 21Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 22Page - Microchip Technology DSPIC33FJ32GP202TH/PT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 19
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
AVSS
P
P
No
Ground reference for analog modules.
VDD
P
—
No
Positive supply for peripheral logic and I/O pins.
VCAP/VDDCORE
P
—
No
CPU logic filter capacitor connection.
Vss
P
—
No
Ground reference for logic and I/O pins.
VREF+
I
Analog
No
Analog voltage reference (high) input.
VREF-
I
Analog
No
Analog voltage reference (low) input.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
PPS
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
PPS = Peripheral Pin Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More