| データシートサーチシステム |
|
HDLA-1414 データシート(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HDLA-1414 データシート(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED |
|
8 / 9 page ![]() 8 Figure 2. Display internal block diagram. Soldering Instructions The HDLX-1414 is compatible with hand- and wave-solder processes. The use of a no-clean flux is recommended. The polycarbonate lens on these displays is incompatible with some fluxes and cleaning solutions. It is not rec- ommended for use with heated Terpene, or solutions of propylene glycol monomethyl ether and monoetha- nolamine. For further information on soldering and post-solder cleaning, see Application Note 1027, Soldering LED Components. Contrast Enhancement The objective of contrast enhancement is to provide good readability in the end user’s ambient lighting conditions. By using both luminance (brightness) and chrominance (color) contrast techniques, the ON dots of the display can be made to stand out against a dark background. For further information on contrast enhancement, see Application Note 1015, Contrast Enhancement Techniques for LED Displays. CHARACTER RAM ASCII DECODER WRITE ADDRESS A0 – A1 2 D0 – D6 7 DATA IN DATA OUT 7 CHARACTER SELECT COLUMN DATA 5 3 ROW SELECT OSC + 32 + 7 ROW DRIVERS DISPLAY COLUMN DRIVERS ROW SELECT WRITE (4 x 7) WR |