| データシートサーチシステム |
|
HDLA-1414 データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HDLA-1414 データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
5 / 9 page ![]() 5 High Efficiency Red HDLO-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous Intensity per Digit, IV 1.2 3.5 mcd “*” illuminated in All Four Digits. Character Average 19 Dots ON per Digit. Peak Wavelength PEAK 635 nm Dominant Wavelength[2] D 626 nm Orange HDLA-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous Intensity per Digit, IV 1.2 3.5 mcd “*” Illuminated in All Four Digits. Character Average 19 Dots ON per Digit. Peak Wavelength PEAK 600 nm Dominant Wavelength[2] D 602 nm Yellow HDLY-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous Intensity per Digit, IV 1.2 3.7 mcd “*” Illuminated in All Four Digits. Character Average 19 Dots ON per Digit. Peak Wavelength PEAK 583 nm Dominant Wavelength[2] D 585 nm Green HDLG-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous Intensity per Digit, IV 1.2 5.6 mcd “*” Illuminated in All Four Digits. Character Average 19 Dots ON per Digit. Peak Wavelength PEAK 568 nm Dominant Wavelength[2] D 574 nm Notes: 1. Refers to the initial case temperature of the device immediately prior to the light measurement. 2. Dominant wavelength, D, is derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device. |