データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZXTP720MATA データシート(PDF) 6 Page - Diodes Incorporated

部品番号 ZXTP720MATA
部品情報  40V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP720MATA データシート(HTML) 6 Page - Diodes Incorporated

  ZXTP720MATA Datasheet HTML 1Page - Diodes Incorporated ZXTP720MATA Datasheet HTML 2Page - Diodes Incorporated ZXTP720MATA Datasheet HTML 3Page - Diodes Incorporated ZXTP720MATA Datasheet HTML 4Page - Diodes Incorporated ZXTP720MATA Datasheet HTML 5Page - Diodes Incorporated ZXTP720MATA Datasheet HTML 6Page - Diodes Incorporated ZXTP720MATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXTP720MA
Document Number DS31883 Rev. 5 - 2
6 of 7
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP720MA
Package Outline Dimensions
Suggested Pad Layout
DFN2020B-3
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
⎯
⎯
0.152
b
0.20
0.30
0.25
D
1.95 2.075 2.00
D2
1.22
1.42
1.32
D4
0.56
0.76
0.66
e
⎯
⎯
0.65
E
1.95 2.075 2.00
E2
0.79
0.99
0.89
E4
0.48
0.68
0.58
L
0.25
0.35
0.30
Z
⎯
⎯
0.225
All Dimensions in mm
Dimensions
Value (in mm)
C
1.30
G
0.24
X
0.35
X1
1.52
Y
1.09
Y1
0.47
Y2
0.50
SEATING PLANE
E E2
D
D2
L
A3
A
A1
b
D4
E4
Z
e
e
X
Y1
Y
Y2
X1
C
G



Html Pages

1 2 3 4 5 6 7