| データシートサーチシステム |
|
ZXTP720MATA データシート(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXTP720MATA データシート(HTML) 1 Page - Diodes Incorporated |
|
1 / 7 page ![]() ZXTP720MA Document Number DS31883 Rev. 5 - 2 1 of 7 www.diodes.com January 2011 © Diodes Incorporated A Product Line of Diodes Incorporated ZXTP720MA 40V PNP LOW SATURATION SWITCHING TRANSISTOR Features and Benefits • BVCEO > -40V • IC = -3A Continuous Collector Current • Low Saturation Voltage (-220mV max @ -1A) • RSAT = 104 mΩ for a low equivalent On-Resistance • hFE specified up to -3A for high current gain hold up • Low profile 0.6mm high package for thin applications • RθJA efficient, 60% lower than SOT23 • 4mm 2 footprint, 50% smaller than SOT23 • Lead-Free, RoHS Compliant (Note 1) • Halogen and Antimony Free. "Green" Device (Note 2) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: DFN2020B-3 • Case material: Molded Plastic. “Green” Molding Compound. • Terminals: Pre-Plated NiPdAu leadframe. • Nominal package height: 0.6mm • UL Flammability Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Weight: 0.01 grams (approximate) Applications • MOSFET Gate Driving • DC-DC Converters • Charging Circuits • Power switches • Motor control Ordering Information (Note 3) Product Marking Reel size (inches) Tape width (mm) Quantity per reel ZXTP720MATA S3 7 8 3000 Notes: 1. No purposefully added lead. 2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com 3. For Packaging Details, go to our website at http://www.diodes.com. Marking Information Top View DFN2020B-3 Device Symbol Bottom View Pin-Out Bottom View C E B S3 = Product Type Marking code Top View S3 |
同様の部品番号 - ZXTP720MATA |
|
同様の説明 - ZXTP720MATA |