データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMT303 データシート(PDF) 2 Page - CUI INC

部品番号 AMT303
部品情報  MODULAR ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

AMT303 データシート(HTML) 2 Page - CUI INC

  AMT303_13 Datasheet HTML 1Page - CUI INC AMT303_13 Datasheet HTML 2Page - CUI INC AMT303_13 Datasheet HTML 3Page - CUI INC AMT303_13 Datasheet HTML 4Page - CUI INC AMT303_13 Datasheet HTML 5Page - CUI INC AMT303_13 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 03/29/2013
│ page 2 of 6
CUI Inc
│ SERIES: AMT303 │ DESCRIPTION: MODULAR ENCODER
PART NUMBER KEY
For customers that prefer a specific AMT303 configuration, please reference the custom configuration key below.
AMT303XX - XXXX - XXXX - XX - XX - X
Resolution (ppr):
0096
0500
0192
0512
0200
0800
0250
1000
0400
1024
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
SKIT = 8 sleve kit
Base Number
AMT303 KITS
In order to provide maximum flexibility for our customers, the AMT303 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
(4.76mm)
3mm
4mmm
m
2
m
m
5
3/16 inch
1/4 inch
(6.35mm)
(3.175mm)
6mm
8mm
1/8 inch
Snow
e
u
l
B
y
k
S
t
h
g
i
L
e
g
n
a
r
O
1
e
l
p
r
u
P
0
6
y
a
r
G
1
w
o
ll
e
Y
1
d
e
RGreen1
Blue
SLEEVES
ADAPTER
SHAFT
BASE
TOOL A
TOP COVER
TOOL C
Output Signals:
“blank” = A, B, Z, U, V, W
LD = Line Driver
A, A, B, B, Z, Z, U, V, W
Motor Poles:
02
10
04
12
06
20
08
Direction:
“blank” = CCW
CW = clockwise
AMT303XX-V
Output Signals:
“blank” = A, B, Z, U, V, W signals
LD = Line Driver
A, A, B, B, Z, Z, U, V, W signals
ORDERING GUIDE
Options:
“blank” = standard connector
C = locking connector
D = conformal coating with
standard connector
E = conformal coating with
locking connector



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com