データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMT303 データシート(PDF) 3 Page - CUI INC

部品番号 AMT303
部品情報  MODULAR ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

AMT303 データシート(HTML) 3 Page - CUI INC

  AMT303_13 Datasheet HTML 1Page - CUI INC AMT303_13 Datasheet HTML 2Page - CUI INC AMT303_13 Datasheet HTML 3Page - CUI INC AMT303_13 Datasheet HTML 4Page - CUI INC AMT303_13 Datasheet HTML 5Page - CUI INC AMT303_13 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 03/29/2013
│ page 3 of 6
CUI Inc
│ SERIES: AMT303 │ DESCRIPTION: MODULAR ENCODER
B
9
14
8
SCALE 4 : 1
13
2
12
5
10
7
4
3
11
6
DETAIL B
1
5
73
SCALE 4 : 1
13
14 12 10 8642
11 9
DETAIL B
1
B
ENCODER INTERFACE
Demo Board Cable
(Cable available without Demo Board Connector)
Encoder Side
Demo Board Side
10 conductor
1.27 mm pitch
28 AWG
(304.8)
1' 0.25"
Samtec
ISDF-07-D
PINOUT CONNECTOR 1
Function
#
AMT303
AMT303LD
14
GND_C1
GND_C1
13
N/A
-Z
12
Z
Z
11
N/A
-A
10
A
A
9
N/A
-B
8
B
B
7
V
V
6
5 V+
5 V+
5
W
W
4
GND
GND
3
U
U
2
zero set
zero set
1
N/A
N/A
Notes:
1. GND_C is mode selection line used at
startup to determine encoder mode:
VCC/Floating: SPI Communication Mode
Ground: Normal Operation Mode
Standard use requires attaching GND_C
Pin# 14 to GND in order to get Commutation output.
SPI Communication mode allows the user to write
parameters to the encoder via SPI link, contact CUI
Inc. for more details.
Standard Connector Option
Locking Connector Option
Mating Connector:
Samtec ISDF-07-D
Mating Connector:
Samtec ISDF-07-D-L



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com