| データシートサーチシステム |
|
CS3100C18-3PW データシート(PDF) 33 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3100C18-3PW データシート(HTML) 33 Page - Amphenol Corporation |
|
33 / 73 page ![]() 32 front face of pin insert or rear face of socket insert illustrated MS/Standard contact arrangements Insert Arrangement 24-16 24-17 24-20 24-21 24-22 Service Rating A, B, F, G = D; C, D, E, = A D D D D Number of Contacts 1 3 3 23 29 19 4 Contact Size 8 12 16 1216 1216 8 16 8 Insert Arrangement 24-27 24-28 28-1 28-2 28-3 Service Rating E Inst. A, J, E = D; Bal. = A D E Number of Contacts 7 24 3 6 2 12 3 Contact Size 16 16 8 12 12 16 8 Insert Arrangement 28-4 28-5 28-6 28-7 Service Rating G, P, S = E; Bal. = D D D D Number of Contacts 2 7 2 1 2 3 2 Contact Size 12 16 4 12 16 4 4 CONTACT LEGEND 16 12 8 4 0 A B C D E A B C D E F G H J KL A B C D E F G H JK A B C D A B C D E F G AB C D EF G H J KL M NP Q RS T U V WX Y Z A B C D E F G H J A B C D E F G H J K L M N P A B C AB CD P S EF G A B C D E A B C A B A B C D E F G |