| データシートサーチシステム |
|
CS3100C18-3PW データシート(PDF) 47 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3100C18-3PW データシート(HTML) 47 Page - Amphenol Corporation |
|
47 / 73 page ![]() 46 A B H GC D E F AB A B C D E F G H J K L M N 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 35 36 37 38 40 41 42 43 34 39 A B C D E F G H J K L M N P AB C front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 40-82 40-85 40-86 40-87 Service Rating A A – D Number of Contacts 62 60 4 7 Contact Size 16 16 for #14 wire 0(Coax) RG-115A/U 4 Insert Arrangement 40-AD 40-AG 40-AP 40-AR Service Rating A A E Inst. Number of Contacts 4 4 38 2 7 3 3 Contact Size 8 0 12 4/0 12 4 0 Insert Arrangement 40-AS 40-AT 40-AU 40-AV Service Rating AAA D Number of Contacts 15 25 24 18 1 3 10 1 3 Contact Size 16 12 12 16 8 4 8 16 2/0 CONTACT LEGEND 16 12 8 4 0 2/0 4/0 12 3 4 56 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 1 2 3 4 1 2 3 4 5 6 7 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 |