データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE06 データシート(PDF) 12 Page - Tyco Electronics

部品番号 ADE06
部品情報  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE06 データシート(HTML) 12 Page - Tyco Electronics

Back Button ADE06 Datasheet HTML 8Page - Tyco Electronics ADE06 Datasheet HTML 9Page - Tyco Electronics ADE06 Datasheet HTML 10Page - Tyco Electronics ADE06 Datasheet HTML 11Page - Tyco Electronics ADE06 Datasheet HTML 12Page - Tyco Electronics ADE06 Datasheet HTML 13Page - Tyco Electronics ADE06 Datasheet HTML 14Page - Tyco Electronics ADE06 Datasheet HTML 15Page - Tyco Electronics ADE06 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 326 page
background image
A12
A
7000 Series
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
DIP Switches, Piano Style Actuator
White Dot Identifies Pin 1
.380
[9.65]
.290
[7.37]
A
Single Pole
Single Throw
Side Actuated
Low Profile
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Recommended PC Board Hole Pattern
Sealed Version Shown
Note: Switches shown in open position
Pin 1
.300
[7.62
]
± .005
± 0.13
.100
[2.54
]
± .005
± 0.13 Typ.
.035
[0.89
]
± .005
± 0.13 Dia. Typ.
.290
[7.37]
No. of
Dim. A
SPST Side Actuated Part No.
Switches
inch
mm
Unsealed
1
Sealed
Tape Sealed
2
.280
7.11
1-435802-0
—
—
3
.380
9.65
435802-2
—
—
4
.480
12.19
435802-3
1-435802-5
—
5
.580
14.73
435802-4
1-435802-6
—
6
.680
17.27
435802-5
1-435802-7
—
7
.780
19.81
435802-6
1-435802-8
—
8
.880
22.35
435802-1
435802-9
3-435802-8
9
.980
24.89
435802-7
1-435802-9
—
10
1.080
27.43
435802-8
2-435802-0
—
11
1.180
29.97
—
2-435802-1
—
12
1.280
32.51
—
2-435802-2
—
1
All switches are bottom sealed.