| データシートサーチシステム |
|
ADE12SA データシート(PDF) 12 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE12SA データシート(HTML) 12 Page - Tyco Electronics |
|
12 / 326 page ![]() A12 A 7000 Series Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 DIP Switches, Piano Style Actuator White Dot Identifies Pin 1 .380 [9.65] .290 [7.37] A Single Pole Single Throw Side Actuated Low Profile Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Recommended PC Board Hole Pattern Sealed Version Shown Note: Switches shown in open position Pin 1 .300 [7.62 ] ± .005 ± 0.13 .100 [2.54 ] ± .005 ± 0.13 Typ. .035 [0.89 ] ± .005 ± 0.13 Dia. Typ. .290 [7.37] No. of Dim. A SPST Side Actuated Part No. Switches inch mm Unsealed 1 Sealed Tape Sealed 2 .280 7.11 1-435802-0 — — 3 .380 9.65 435802-2 — — 4 .480 12.19 435802-3 1-435802-5 — 5 .580 14.73 435802-4 1-435802-6 — 6 .680 17.27 435802-5 1-435802-7 — 7 .780 19.81 435802-6 1-435802-8 — 8 .880 22.35 435802-1 435802-9 3-435802-8 9 .980 24.89 435802-7 1-435802-9 — 10 1.080 27.43 435802-8 2-435802-0 — 11 1.180 29.97 — 2-435802-1 — 12 1.280 32.51 — 2-435802-2 — 1 All switches are bottom sealed. |