データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATAVRMC310 データシート(PDF) 3 Page - ATMEL Corporation

部品番号 ATAVRMC310
部品情報  8-bit Microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC310 データシート(HTML) 3 Page - ATMEL Corporation

  ATAVRMC310 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
7803A–AVR–10/08
AVR601
Figure 1-3.
AMCI Motor Control bus
This bus can be used by any AVR microcontroller to control a motor. This is an ideal interface to
optimize the system cost and to identify the cheapest solution with the required level of
performance.
2.
Processor boards
As shown on Figure 5, each processor board has similar architecture and features; it includes:
• The corresponding AVR processor, which handles the motor control application and the other
tasks.
• A USB interface for communication with the host using Atmel Motor Control PC software.
The USB bridge is handled by an AT90USB1287.
• A connector to plug in an optional ATAVRDB101 display and Human Machine Interface
board.
• A potentiometer for providing analog speed target to the controller.
• Programming and debugging connectors.
• The four AMCI Motor Control bus connectors.



Html Pages

1 2 3 4 5 6 7 8 9