データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATAVRMC310 データシート(PDF) 6 Page - ATMEL Corporation

部品番号 ATAVRMC310
部品情報  8-bit Microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC310 データシート(HTML) 6 Page - ATMEL Corporation

  ATAVRMC310 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
7803A–AVR–10/08
AVR601
Figure 3-1.
MC300 board with BLDC motor
4.
Firmware package
The flexibility of the modular hardware approach is supported by a growing software package.
BLDC and BLAC motors with sensor control are fully supported. Sensorless control is also
supported.
Please refer to Atmel web site www.atmel.com/motorcontrol for availability of application
notes and code examples.
Even if a specific combination of microcontroller, driver stage and motor type might not be avail-
able from at the release, the similarity in fundamental functionality motors means that it is an
option to extract relevant parts of the existing code examples, and modify and reuse it in other
implementations.



Html Pages

1 2 3 4 5 6 7 8 9